Part Number Hot Search : 
HER505P LTC3217 2SC4705 AC559 LC74799 TMP88FW 88732 K1602
Product Description
Full Text Search
 

To Download SS22SDP2LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Illuminated Switches
Miniature Illuminated Slide Switches
1.2 R Typ 5.0 Circuit Mark This Side 1.1 x 2.0 Typ 0.8 Typ 17.53 19.6 2.0 3.8 4.7 Typ
6 3 2 4 1
MS Series
1.17 Typ 2.0 Typ 2.4 Dia Typ Direction of Actuation
12.7
6.8 17.53
6.1 8.2 0.4 5.1 7.6 4.5 6.35
4.8 11.9
Max. Panel Thickness 5.0mm
0.5
9.0
MS12LFW01C
Solder Lug Terminals
5.0
Actuator in LEFT position
Circuit Mark This Side
0.8 Typ
6
1.17 Typ Direction of Actuation
3 2 4 1
1 4
4.8
3 6
3.8 2.0 4.8 8.2 5.1 7.6 6.35
4.7 Typ
12.7
2
4.7 Typ 9.0
6.8
4.8 11.9
0.5
1.8 Dia Typ
MS12LNW03C
Straight PC Terminals
Actuator in LEFT position
Max. Panel Thickness 5.0mm
POLES & CIRCUITS
Slide Position Left Pole Model Center Right Connected Terminals Left Center Right Throw & Schematics Note: Terminal numbers are not actually on the switch. LED circuit is isolated and requires an external connection.
2 (COM)
CUTAWAY
SP
MS12 MS13
ON ON
NONE OFF
ON ON
2-1
OPEN
2-3
SPDT
1 3
L(+) 4 6
L(-)
MOUNTING TYPES & TERMINALS
Epoxy Seal 6.35 4.8 4.8 Thk = 0.8 Typ Epoxy Seal 1.17 Typ 6.35 4.8 2.0 1.17 4.8 Thk = 0.8 Typ 1.1 2.0 4.0
J20
Illuminated Switches
N Straight PC Mount (Combines with Straight PC Terminal 03 only)
03 Straight PC
F 2-screw Flange (Combines with Solder Lug Terminals 01 omly)
01 Solder Lug
The 1.1x2.0mm oblong hole accommodates 1 solid 18-gg wire or 2 solid or stranded 20-gg wires.
How to order:
General Specifications:
3 4 5 6 7
ELECTRICAL CAPACITY (Resistive Load) Power Level: 6A @ 125VAC or 3A @ 250VAC OTHER RATINGS: Contact Resistance: 10m max. Insulation Resistance: 1,000M min.@500VDC Mechanical Life: 50,000 operations min. Electrical Life: 25,000 operations min. Total Travel: 2.2mm MATERIALS Movable Contacts: Silver alloy Stationary Contacts: Silver capped copper with silver plating Terminals: Copper or brass with silver plating
MS
1 1 2 2 3 3 L 4 N F
1
2
POLE: SPDT CIRCUIT: ON-NONE-ON ON-OFF-ON ILLUMINATION: LED Lighted MOUNTING: For Straight PC (Terminal 03 only) With 2-screw Flange (Terminal 01 only)
5 W 6 01 03 7 C E F
CONTACT MATERIAL & RATING: Silver; Rated 6A @ 125V AC & 3A @ 250V AC TERMINAL: Solder Lug Straight PC LEDS: Red Yellow Green
LED COLORS & SPECIFICATIONS
(+) (-)
Colors IFM IF VF VRM IF
C Red 20mA 16mA 2.07V 3V
E Yellow 20mA 16mA 2.15V 4V 0.27mA/C -10C ~ +55C
F Green 20mA 16mA 2.16V 4V
Forward Peak Current Continuous Forward Current Forward Voltage Reverse Peak Voltage Current Reduction Rate Above 25C Ambient Temperature Range
ENVIRONMENTAL DATA Operating Temperature: -10C through +55C SOLDERING Wave soldering recommended. Manual Soldering for ON-NONE-ON: 4 sec. max. @ 390C max. Manual Soldering for ON-OFF-ON (in OFF position only): 4 sec. max. @ 410C max.
sales@greatecs.com
www.greatecs.com
Illuminated Switches
Ultra-Miniature Illuminated Slide Switches
2.0 Travel 0.4 0.6 Typ 2.54
L (+) L (-)
SS Series
2.54 Typ 2.54 0.3 Typ
1 2 L (+) L (-) 4 5 6
0.3 Typ
L (+) 1 2 L (-) 3
2.54 Typ
4 L(+) 1 2 3 5 6 L (-)
1 2 3
13.0
2.54 Typ
3
13.0
2.54 Typ
2.5 3.7 9.0 2.5 4.5
2.54 Typ 3.0 0.6 Typ 0.4 Typ 0.8 Dia Typ 0.6 Typ 0.4 Typ 0.8 Dia Typ
SS22SDP2LC
Top Actuated
Single Pole
Double Pole
2.0 Travel
3.7
0.4
0.6 Typ
2.54
L (+) L (-)
0.3 Typ
1 2 3
2.54
L (+) 1 2 L (-) 3
2.54 Typ
L (+) L (-)
0.4 Typ
0.3 Typ
4 L(+) 1 2 3
2.54 Typ
5 6 L (-)
1 2
4 5 6
13.0
2.54 Typ
3
13.0
2.54 Typ
2.5 4.85 7.5 2.5 7.5
2.54 Typ 0.4 Typ 3.0 4.5 0.6 Typ
0.8 Dia Typ 0.6 Typ 9.0
0.8 Dia Typ
SS12SDH2LC
Side Actuated
Slide Position Connected Terminals Left Right Center Left
Single Pole
Double Pole
POLES & CIRCUITS
Throw & Schematics Note: Terminal numbers are not actually on the switch. LED circuit is isolated and requires an external power sorce. SPDT Right Center
Pole
Model
SP
SS12S
ON
NONE
ON
2-1
OPEN
2-3
1
2 (COM)
3
(+)
(-)
DP
SS22S
ON
NONE
ON
2-1 5-4
OPEN
2-3 5-6
DPDT
1 2 (COM) 3 4 5 (COM) 6
(+)
(-)
TERMINAL SPACING
0.4 Typ 2.54 Typ 3.4 Typ 2.54 Typ 0.6 Typ 0.4 Typ 2.54 Typ 3.4 Typ 13.0 2.54 Typ 0.6 Typ
5.0
OPTIONAL CAP
3.2 5.0
CUTAWAY
Material: Polycarbonate Cap can be assembled on request Cap Color: Black only.
11.0
9.0
9.0
13.0
8.5 0.6
Single Pole
Double Pole
Window color should match LED color.
How to order:
General Specifications:
3 4 5 6
ELECTRICAL CAPACITY (Resistive Load) Power Level: 0.1A@30VDC
SS
1 12S 22S 2 D 3 P H
1
2
POLES & CIRCUITS: SPDT ON-NONE-ON DPDT ON-NONE-ON TERMINAL SPACING: 2.54mm x 2.54mm ACTUATION: Top Actuated Side Actuated
4 2 5 L 6 C E F
CONTACT MATERIAL & RATINGS: Silver Rated 0.1A@30VDC LED CIRCUIT: Isolated LED COLORS: Red Yellow Green
OTHER RATINGS: Contact Resistance: 20m max. Insulation Resistance: 100M min.@500VDC Mechanical Life: 10,000 operations min. Electrical Life: 10,000 operations Contact Timing: Shorting (make-before-break) Total Travel: 2.0mm MATERIALS Mov. Contacts: Phosphor bronze with silver plating Terminals: Brass with silver plating over copper
F Green 20mA 16mA 2.16V 4V
LED COLORS & SPECIFICATIONS
L Isolated LED, 1-element
(+) (-)
Colored Toggle Bright LED Colors C Red 20mA 16mA 2.07V 3V E Yellow 20mA 16mA 2.15V 4V 0.27mA/C -15C ~ +60C
plating ENVIRONMENTAL DATA Operating Temperature: -15C through +60C SOLDERING 3 sec. max. @ 350C max. for manual soldering; 5 sec. max. @ 270C max. for wave soldering
Forward Peak Current Continuous Forward Current Forward Voltage Reverse Peak Voltage
IFM IF VF VRM
Current Reduction Rate Above 25C IF Ambient Temperature Range
sales@greatecs.com
www.greatecs.com
J21
Illuminated Switches


▲Up To Search▲   

 
Price & Availability of SS22SDP2LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X